Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 80 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 79Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 82Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 83Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
80
Confidential
7
FIFO BUFFER
7.1
Overview
An 8x64 bit FIFO buffer is implemented in the CL RC632 acting as a parallel-to-parallel converter. It buffers
the input and output data stream between the µ-Processor and the internals of the CL RC632. Thus, it is
possible to handle data streams with lengths of up to 64 bytes without taking timing constraints into account.
7.2
Accessing the FIFO Buffer
7.2.1
ACCESS RULES
The FIFO-buffer input and output data bus is connected to the FIFOData Register. Writing to this register
stores one byte in the FIFO-buffer and increments the internal FIFO-buffer write-pointer. Reading from this
register shows the FIFO-buffer contents stored at the FIFO-buffer read-pointer and increments the FIFO-
buffer read-pointer. The distance between the write- and read-pointer can be obtained by reading the
FIFOLength Register.
When the µ-Processor starts a command, the CL RC632 may, while the command is in progress, access the
FIFO-buffer according to that command. Physically only one FIFO-buffer is implemented, which can be used
in input- and output direction. Therefore the µ-Processor has to take care, not to access the FIFO-buffer in
an unintended way.
The following table gives an overview on FIFO access during command processing:
µ-Processor is allowed to
Active Command
Write to FIFO
Read from FIFO
Remark
StartUp
-
-
Idle
-
-
Transmit
-
Receive
-
Transceive
µ-Processor has to know the actual state of the command
(transmitting or receiving)
WriteE2
-
ReadE2
The µ-Processor has to prepare the arguments,
afterwards only reading is allowed
LoadKeyE2
-
LoadKey
-
Authent1
-
Authent2
-
-
LoadConfig
-
CalcCRC
-
Table 7-1: Allowed Access to the FIFO-Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com