Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 37 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 33Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 34Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 35Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 36Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 37Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 38Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 39Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 40Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
37
Confidential
5.2.2.8
BitFraming Register
Adjustments for bit oriented frames.
Name: BitFraming
Address: 0x0F
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
0
RxAlign
0
TxLastBits
Access
Rights
r/w
dy
dy
dy
r/w
dy
dy
dy
Description of the bits
Bit
Symbol
Function
7
0
Reserved for future use
6-4
RxAlign
Used for reception of bit oriented frames: RxAlign defines the bit position for the
first bit received to be stored in the FIFO. Further received bits are stored in the
following bit positions.
After reception, RxAlign is cleared automatically.
Example:
RxAlign = 0:
the LSB of the received bit is stored at bit 0,
second received bit is stored at bit position 1
RxAlign = 1:
the LSB of the received bit is stored at bit 1,
second received bit is stored at bit position 2
RxAlign = 7:
the LSB of the received bit is stored at bit 7,
second received bit is stored in the following byte
at bit position 0
3
0
reserved for future use
2-0
TxLastBits
Used for transmission of bit oriented frames: TxLastBits defines the number of
bits of the last byte that shall be transmitted. A 000 indicates that all bits of the last
byte shall be transmitted.
After transmission, TxLastBits is cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com