Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 77 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 73Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 74Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 75Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 76Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 77Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 78Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 79Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 80Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
77
Confidential
6.3.3
REGISTER INITIALISATION FILE (READ/WRITE)
The content of the E²PROM memory from block address 3 to 7 may be used to initialise the CL RC632
registers 10hex to 2Fhex by execution of the LoadConfig-Command (see 18.7.1). It requires a two bytes
argument, used as the two bytes long E²PROM starting byte address for the initialisation procedure.
The assignment is the following:
E²PROM Byte Address
Register Address
Remark
Starting Byte address for the E²PROM
10hex
Skipped
Starting Byte address for the E²PROM +1
11hex
Copied
…
…
…
Starting Byte address for the E²PROM + 31
2Fhex
Copied
Table 6-6: Byte Assignment for Register Initialisation at Start Up
The Register Initialisation File is big enough to hold the values for two initialisation sets and leaves one more
block (16 bytes) for the user.
Note: The Register Initialisation File is read- and write-able for the user. Therefore, these bytes may also be
used to store user specific data for other purposes.
The standard configuration for the CL RC632 enables the MIFARE® and ISO14443 setting after each power
up.
To give the user the needed flexibility the startup configuration might be adapted and for example the
ICODE1 start up configuration might be stored in the register block address 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com