Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 102 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 98Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 99Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 100Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 101Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 102Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 103Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 104Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 105Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
102
Confidential
13.4
Pulse Width
The envelope carries the information of the data signal that shall be transmitted to the card done by coding
the data signal according to the Miller code. Furthermore, each pause of the Miller coded signal again is
coded as a pulse of certain length. The width of this pulse can be adjusted by means of the ModWidth
Register. The pulse length is calculated by
C
Pulse
f
ModWidth
T
1
2
+
=
where fc = 13.56MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com