Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 103 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 99Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 100Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 101Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 102Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 103Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 104Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 105Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 106Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
103
Confidential
14 RECEIVER CIRCUITRY
14.1 General
The CL RC632 employs an integrated quadrature-demodulation circuit giving the possibility to detect an ISO
14443 compliant subcarrier signal applied to pin RX. The ISO14443-A sub-carrier signal is defined as a
Manchester coded ASK-modulated signal. The ISO14443-B sub-carrier signal is defined as an NRZ-L coded
BPSK modulated ISO14443-B sub-carrier signal.
The quadrature-demodulator uses two different clocks, Q- and
I-clock, with a phase shift of 90° between
them. Both resulting sub-carrier signals are amplified, filtered and forwarded to a correlation circuitry. The
correlation results are evaluated, digitised and passed to the digital circuitry.
For all processing units various adjustments can be made to obtain optimum performance.
14.2 Block Diagram
Figure 14-1 shows the block diagram of the receiver circuitry. The receiving process includes several steps.
First the quadrature demodulation of the carrier signal of 13.56 MHz is done. To achieve an optimum in
performance an automatic clock Q calibration is recommended (see 14.3.1). The demodulated signal is
amplified by an adjustable amplifier. A correlation circuit calculates the degree of similarity between the
expected and the received signal. The bit phase register allows aligning the position of the correlation
intervals with the bit grid of the received signal. In the evaluation and digitizer circuitry the valid bits are
detected and the digital results are send to the FIFO register. Several tuning steps in this circuit are possible.
The user may observe the signal on its way through the receiver as shown in the block diagram above. One
signal at a time may be routed to pin AUX using the TestAnaSelect-Register as described in 21.3.
13.56 MHz
Demodulator
RX
I to Q
Conversion
Q-clock
I-clock
Correlation
Circuitry
VRxFoll
I
VRxFollQ
VRxAmp
I
VRxAmpQ
VCorrN
I
VCorrDQ
VCorrD
I
VCorrNQ
VEvalL
VEvalR
to
TestAna
OutSel
Gain[1:0]
Evaluation and Digitizer
Circuitry
s_valid
s_data
s_coll
s_clock
BitPhase[7:0]
MinLevel[3:0]
CollLevel[3:0]
ClockQCalib
ClockQDelay[4:0]
ClockQ180°
clock
RcvClkSel
I
RxWait[7:0]
Figure 14-1: Block Diagram of Receiver Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com