Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 107 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 103Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 104Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 105Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 106Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 107Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 108Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 109Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
107
Confidential
15 SERIAL SIGNAL SWITCH
15.1 General
Two main blocks are implemented in the CL RC632. A digital circuitry, comprising state machines, coder and
decoder logic and so on and an analog circuitry with the modulator and antenna drivers, receiver and
amplification circuitry. The interface between these two blocks can be configured in the way, that the
interfacing signals may be routed to the pins MFIN and MFOUT.
This topology supports, that the analog part of the one CL RC632 may be connected to the digital part of
another device.
The serial signal switch can be used to measure MIFARE® and ISO14443 as well I
•CODE1 and ISO15693
related signals.
Note: The MFIN pin can only be accessed by 106 kbaud according to ISO14443A . The Manchester
with Subcarrier- and the Manchester signal can only be accessed at the MFOUT pin at 106 kbaud
according to ISO14443A.
15.2 Block Diagram
Figure 15-1 describes the serial signal switches. Three different switches are implemented in the serial signal
switch in order to use the CL RC632 in different configurations.
The serial signal switch may also be used during the design In phase or for test purposes to check the
transmitted and received data. Chapter 21.2 describes analog test signals as well as measurements at the
serial signal switch.
Note: The SL RC400 uses the name SIGOUT for the MFOUT pin. The CLRC 632 functionality includes the
(Part of)
Analog Circuitry
Rx
Tx1
Tx2
Manchester
Decoder
Miller Coder
1 out of 256,
RZ or
1 out of 4
Modulator
Driver
0
1
2
3
2
Modulator
Source
0
1
Envelope
MfIn
MfOut
0
1
2
3
2
Decoder
Source
0
Internal
Manchester with SubCarrier
Manchester
Serial Data Out
Serial Data In
MfIn
Subcarrier
Demodulator
Carrier
Demodulator
Subcarrier
Demodulator
Serial Signal Switch
(Part of)
Serial Data Processing
Manchester Out
SignalTo
MfOut
Digital Test Signal
Figure 15-1: Serial Signal Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com