Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 108 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 104Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 105Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 106Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 107Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 108Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 109Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
108
Confidential
test possibilities for the SL RC 400 using the pin MFOUT.
The following chapters describe the relevant registers used to configure and control the serial signal switch.
15.3 Registers Relevant for the Serial Signal Switch
The flags DecoderSource define the input signal for the internal Manchester decoder in the following way:
DecoderSource
Input Signal for Decoder
0
Constant 0
1
Output of the analog part. This is the default configuration.
2
Direct connection to MFIN, expecting an 847.5 kHz sub-carrier signal modulated
by a Manchester coded signal.
3
Direct connection to MFIN, expecting a Manchester coded signal.
Table 15-1: Values for DecoderSource
ModulatorSource defines the signal that modulates the transmitted 13.56 MHz energy carrier. The modulated
signal drives the pins TX1 and TX2.
ModulatorSource
Input Signal for Modulator
0
Constant 0 (energy carrier off at pin TX1 and TX2).
1
Constant 1 (continuous energy carrier delivered at pin TX1 and TX2).
2
Modulation signal (envelope) from the internal coder. This is the default
configuration.
3
Direct connection to MFIN, expecting a Miller pulse coded signal.
Table 15-2: Values for ModulatorSource
MFOUTSelect selects the output signal, which is routed to the pin MFOUT.
MFOUTSelect
Signal Routed to Pin MFOUT
0
Constant Low
1
Constant High
2
Modulation signal (envelope) from the internal coder.
3
Serial data stream that is to be transmitted
(same as for MFOUTSelect = 2, but not coded by the selected pulse coder yet).
4
Output signal of the receiver circuit (card modulation signal regenerated
and delayed)
5
Output signal of the subcarrier demodulator (Manchester-coded card signal)
6
RFU
7
RFU
able 15-3: Values for MFOUTSelect
To use MFOUTSelect, the value of test signal control bit SignalToMFOUT has to be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com