Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 112 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 108Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 109Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 112Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 113Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 114Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
112
Confidential
18 CL RC632 COMMAND SET
18.1 General Description
The CL RC632 behaviour is determined by an internal state machine capable to perform a certain set of
commands. The commands can be started by writing the according command-code to the Command-
Register.
Arguments and/or data necessary to process a command are mainly exchanged via the FIFO buffer.
18.2 General Behaviour
•
Each command, that needs a data stream (or data byte stream) as input will immediately process the
data it finds in the FIFO buffer.
•
Each command that needs a certain number of arguments will start processing only when it has received
the correct number of arguments via the FIFO buffer.
•
The FIFO buffer is not cleared automatically at command start. Therefore, it is also possible to write the
command arguments and/or the data bytes into the FIFO buffer and start the command afterwards.
•
Each command (except the StartUp-Command) may be interrupted by the µ-Processor by writing a new
command code into the Command-Register e.g.: the Idle-Command.
18.3 CL RC632 Commands Overview
Command
Code
Action
Arguments and Data
passed via FIFO
Returned Data
via FIFO
see
Chapter
StartUp
3Fhex
Runs the Reset- and Initialisation
Phase.
Note: This command can not be
activated by software, but only by a
Power-On or Hard Reset
-
-
18.3.2
Idle
00hex
No action; cancels current command
execution.
-
-
18.3.3
Transmit
1Ahex
Transmits data from the FIFO buffer to
the card.
Data Stream
-
18.4.1
Receive
16hex
Activates receiver circuitry.
Note: Before the receiver actually
starts, the state machine waits until the
time configured in the register RxWait
has passed.
Note: This command may be used for
test purposes only, since there is no
timing relation to the Transmit-
Command.
-
Data Stream
18.4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com