Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 114 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 112Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 113Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 114Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 117Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
114
Confidential
18.3.1 BASIC STATES
18.3.2 STARTUP COMMAND 3FHEX
Command
Codehex
Action
Arguments and Data
Returned Data
StartUp
3F
Runs the Reset- and Initialisation Phase
Note: This command can not be activated by
software, but only by a Power-On or Hard
Reset
-
-
The StartUp-Command runs the Reset- and Initialisation Phase. It does not need or return any data. It can
not be activated by the µ-Processor but is started automatically after one of the following events:
•
Power On Reset caused by power up at Pin DVDD
•
Power On Reset caused by power up at Pin AVDD
•
Negative Edge at Pin RSTPD
The Reset-Phase defines certain register bits by an asynchronous reset. The Initialisation-Phase defines
certain registers with values taken from the E²PROM.
When the StartUp-Command has finished, the Idle-Command is entered automatically.
Notes:
•
The µ-Processor must not write to the CL RC632 as long as the CL RC632 is busy executing the
StartUp-Command. To ensure this, the µ-Processor shall poll for the Idle-Command to determine the
end of the Initialisation Phase (see also chapter 11.4).
•
As long as the StartUp-Command is active, only reading from page 0 of the CL RC632 is possible.
•
The StartUp-Command can not be interrupted by the µ-Processor.
18.3.3 IDLE COMMAND 00HEX
Command
Codehex
Action
Arguments and Data
Returned Data
Idle
00
No action, cancels current command execution
-
-
The Idle-Command switches the CL RC632 to its inactive state. In this Idle-state it waits for the next
command. It does not need or return any data. The device automatically enters the Idle-state when a
command finishes. In this case the CL RC632 simultaneously initiates an interrupt request by setting bit
IdleIRq. Triggered by the µ-Processor, the Idle-Command may be used to stop execution of all other
commands (except the StartUp Command). In that case no IdleIRq is generated.
Remark: Stopping a command with the Idle Command does not clear the FIFO buffer content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com