Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 118 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 114Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 117Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 118Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 119Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 120Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 121Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
118
Confidential
If TxLastBits is unequal zero the last byte is not transmitted completely, but only the number of bits set in
TxLastBits are transmitted (starting with the least significant bit).
Thus, the internal state machine has to check the FIFO status at an earlier point in time (shown in the figure
below).
Since TxLastBits = 4 in this example, transmission stops after Bit 3 is transmitted. If configured, the frame is
completed with an EOF.
The figure above also shows a write access to the FIFOData Register right before the FIFO’s status is
checked. This leads to ‘FIFO empty’ going to 0 again and therefore ‘Accept Further Data’ stays active. The
new byte written is transmitted via the RF-interface.
‘Accept Further Data’ is changed only by the ‘Check FIFO empty’ function. This function verifies ‘FIFO empty’
one bit duration before the last expected bit transmission.
Frame Definition
Verification at:
8 Bit with Parity
8
th Bit
8 Bit without Parity
7
th Bit
x Bit without Parity
(x-1)
th Bit
FIFO Length
FIFO empty
0x01
0x00
TxLastBits = 4
TxLastBits
Bit0
Bit7 Bit0
TxData
Check FIFO empty
Accept Further Data
Bit7
Bit3 Bit4
N_WR (FIFO Data)
0x00
0x01
Bit3
Bit4
Figure 18-3: Timing for Transmitting Bit Oriented Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com