Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 119 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 117Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 118Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 119Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 120Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 121Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 122Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
119
Confidential
18.4.2 RECEIVE COMMAND 16HEX
Command
Codehex
Action
Arguments and Data
Returned Data
Receive
16
Activates Receiver Circuitry
-
Data Stream
The Receive-Command activates the receiver circuitry. All data received from the RF interface is returned via
the FIFO buffer. The Receive-Command can be started either by the µ-Processor or automatically during
execution of the Transceive-Command.
Note: This command may be used for test purposes only, since there is no timing relation to the Transmit-
Command.
18.4.2.1 Working with the Receive Command
After starting the Receive Command the internal state machine decrements the value set in the RxWait-
Register with every bit-clock. From 3 down to 1 the analog receiver circuitry is prepared and activated. When
the counter reaches 0, the receiver starts monitoring the incoming signal at the RF-interface. If the signal
strength reaches a level higher than the value set in the MinLevel-Register it finally starts decoding. The
decoder stops, if no more signal can be detected on the receiver input pin Rx. The decoder indicates
termination of operation by setting bit RxIRq.
The different phases of the receive sequence may be monitored by watching ModemState of the
PrimaryStatus-Register (see 18.4.4).
Note: Since the counter values from 3 to 0 are necessary to initialise the analog receiver circuitry the
minimum value for RxWait is 3.
18.4.2.2 RF-Channel Redundancy and Framing
The decoder expects a SOF pattern at the beginning of each data stream. If a SOF is detected, it activates
the serial to parallel converter and gathers the incoming data bits. Every completed byte is forwarded to the
FIFO. If an EOF pattern is detected or the signal strength falls below MinLevel set in the RxThreshold
Register, the receiver and the decoder stop, the Idle-Command is entered and an appropriate response for
the µ-Processor is generated (interrupt request activated, status flags set).
If bit RxCRCEn in the ChannelRedundancy Register is set a CRC block is expected. The CRC block may be
one byte or two bytes according to bit CRC8 in the ChannelRedundancy Register.
Remark: The received CRC block is not forwarded to the FIFO buffer if it is correct. This is realised by
shifting the incoming data bytes through an internal buffer of either one or two bytes (depending on the
defined CRC). The CRC block remains in this internal buffer. As a consequence all data bytes are available
in the FIFO buffer one or two bytes delayed.
If the CRC fails all received bytes are forwarded to the FIFO buffer (including the faulty CRC itself).
If ParityEn is set in the ChannelRedundancy Register a parity bit is expected after each byte. If bit ParityOdd
is set to 1, the expected parity is an odd parity, otherwise an even parity is expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com