Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 120 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 117Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 118Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 119Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 120Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 121Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 122Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 123Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
120
Confidential
18.4.2.3 Collision Detection
If more than one card is within the RF-field during the card selection phase, they will respond simultaneously.
The CL RC632 supports the algorithm defined in ISO14443-A to resolve data-collisions of cards serial
numbers by doing the so-called anti-collision procedure. The basis for this is the ability to detect bit-
collisions.
Bit-collision detection is supported by the used bit-coding scheme, namely the Manchester-coding. If in the
first and second half-bit of a bit a sub-carrier modulation is detected, instead of forwarding a 1 or a 0 a bit
collision will be signalled. To distinguish a 1 or 0-bit from a bit-collision, the CL RC632 uses the setting of
CollLevel. If the amplitude of the half-bit with smaller amplitude is larger than defined by CollLevel, the CL
RC632 indicates a bit-collision.
If a bit-collision is detected, the error flag CollErr is set. If a bit-collision is detected in a parity bit, the flag
ParityErr is set indicating a parity error.
Independent from the detected collision the receiver continues receiving the incoming data stream. In case of
a bit-collision, the decoder forwards 1 at the collision position.
Note: As an exception, if bit ZeroAfterColl is set, all bits received after the first bit-collision are forced to zero,
regardless whether a bit-collision or an unequivocal state has been detected. This feature eases for the
software to carry out the anti-collision procedure defined in ISO14443-A.
When the first bit collision in a frame is detected, the bit position of this collision is stored in the CollPos
Register.
The collision position follows the table below:
Collision in Bit
Value of CollPos
SOF
0
LSBit of LSByte
1
…
…
MSBit of LSByte
8
LSBit of second Byte
9
…
…
MSBit of second Byte
16
LSBit of third Byte
17
…
…
Table 18-2: Returned Values for Bit Collision Positions
The parity bits are not counted in CollPos, since a bit-collision in a parity bit per definition succeeds a bit-
collision in the data bits. If a collision is detected in the SOF a frame error is reported and no data is
forwarded to the FIFO buffer. In this case the receiver continues to monitor the incoming signal and
generates the correct notifications to the µ-Processor when the ending of the faulty input stream is detected.
This helps the µ-Processor to determine the time when it is allowed next to send anything to the card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com