Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 113 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 109Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 110Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 111Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 112Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 113Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 114Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 115Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 116Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
113
Confidential
CL RC632 Commands Overview Continued
Command
Code
Action
Arguments and Data
passed via FIFO
Returned Data
via FIFO
see
Chapter
Transceive
1Ehex
Transmits data from FIFO buffer to the
card and activates automatically the
receiver after transmission.
Note: Before the receiver actually
starts, the CL RC632 waits until the
time configured in the register RxWait
has passed.
Note: This command is the
combination of Transmit and Receive
Data Stream
Data Stream
18.4.3
WriteE2
01hex
Gets data from FIFO buffer and writes
it to the internal E²PROM.
Start Address LSB
Start Address MSB
Data Byte Stream
-
18.6.1
ReadE2
03hex
Reads data from the internal E²PROM
and puts it into the FIFO buffer.
Note: Keys cannot be read back
Start Address LSB
Start Address MSB
Number of Data Bytes
Data Bytes
18.6.2
LoadKeyE2
0Bhex
Copies a key from the E²PROM into
the key buffer.
Note: related to MIFARE® Classic
Security
Start Address LSB
Start Address MSB
-
18.9.1
LoadKey
19hex
Reads a key from the FIFO buffer and
puts it into the key buffer.
Note: The key has to be prepared in a
specific format
(refer to 6.4.1, key format)
Note: related to MIFARE® Classic
Security
Byte0 (LSB)
Byte1
…
Byte 10
Byte11 (MSB)
-
18.9.2
Authent1
0Chex
Performs the first part of the Crypto1
card authentication.
Note: related to MIFARE® Classic
Security
Card’s Auth-Command
Card’s Block Address
Card’s Serial Number LSB
Card’s Serial Number Byte1
Card’s Serial Number Byte2
Card’s Serial Number MSB
-
18.9.3
Authent2
14hex
Performs the second part of the card
authentication using the Crypto1
algorithm.
Note: related to MIFARE® Classic
Security
-
-
18.9.4
LoadConfig
07hex
Reads data from E²PROM and
initialises the CL RC632 registers.
Start Address LSB
Start Address MSB
-
18.7.1
CalcCRC
12hex
Activates the CRC-Coprocessor.
Note: The result of the CRC
calculation can be read from the
registers CRCResultLSB and
CRCResultMSB
Data Byte-Stream
-
18.7.2
Table 18-1: CL RC632 Command Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com