Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRF2163 Datasheet (PDF) - STMicroelectronics

STRF2163 Datasheet PDF - STMicroelectronics
Part # STRF2163
Download  STRF2163 Download
File Size   21.09 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CONTACTLESS READER CHIP SET

STRF2163 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRF2163 Datasheet PDF - STMicroelectronics

Part # STRF2163
Download  STRF2163 Click to download

File Size   21.09 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CONTACTLESS READER CHIP SET

STRF2163 Datasheet (HTML) - STMicroelectronics


STRF2163 Product details

Features
■ GENERAL DESCRIPTION
■ This is an analog front end dedicated to contactless Smartcards.
■ This interface complies with ISO 14443-2 Type B: powering, data transfer from reader to card with amplitude modulation, data transfer from card to reader.
■ MAIN FEATURES
■ Supply voltage: from 5 V to 15 V
■ Modulation: 10% ASK
■ Data transfer to card: up to 424 KBit/second
■ Data transfer to reader: up to 424 KBit/second
■ DC subcarrier output level
■ Quartz oscillator 13.56 MHz ± 100 ppm FUNCTION: DECODER AND FRAME FORMATING FOR CONTACTLESS SMARTCARD READERS
■ GENERAL DESCRIPTION
■ This is an FPGA dedicated to contactless Smartcard. This interface complies with ISO 14443-3 Type B
■ MAIN FEATURES
■ Supply voltage: 3.3 V
■ Programmable data transfer from reader to card
■ 106 KBit/second, 212 KBit/second and 424 KBit/
■ second
■ Programmable data transfer from card to reader
■ 106 KBit/second, 212 KBit/second and 424 KBit/
■ second
■ 8 bit parallel interface for MCU
■ Programmable SCI interface from 4800 to 115 KBit/second FUNCTION: MCU FOR CONTACTLESS SMARTCARD READER
■ GENERAL DESCRIPTION
■ the ST92163 is a 8/16 bit MCU
■ MAIN FEATURES
■ Supply voltage: 5 V
■ Internal memory 16 K bytes OTP
■ 2 K Bytes of RAM
■ 24 MHz CPU frequency
■ Full speed USB
■ SCI up to 315 KBit
■ External memory up to 256 KBytes
■ Rich instruction set with 14 addressing modes, versatile development tools, including assembler, linker, C compiler, hardware emulators and real time operating system. 1 October 1999




Similar Part No. - STRF2163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
HB Electronic Component...
STRF3-1RGB-CA HB-STRF3-1RGB-CA Datasheet
161Kb / 2P
LED
logo
Allegro MicroSystems
STRF6600 ALLEGRO-STRF6600 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6624 ALLEGRO-STRF6624 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results


Similar Description - STRF2163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
ST16-19RFRDCS910 STMICROELECTRONICS-ST16-19RFRDCS910 Datasheet
18Kb / 2P
CONTACTLESS READER CHIP SET With ST92163MCU
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com