Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRF2163 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRF2163
Description  CONTACTLESS READER CHIP SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRF2163 Datasheet(HTML) 1 Page - STMicroelectronics

  STRF2163 Datasheet HTML 1Page - STMicroelectronics STRF2163 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 25 87 29
STRF2163
CONTACTLESS READER CHIP SET
FUNCTION: ANALOG FRONT END FOR
CONTACTLESS SMARTCARD READER
s
GENERAL DESCRIPTION
– This is an analog front end dedicated to contact-
less Smartcards.
– This interface complies with ISO 14443-2 Type
B: powering, data transfer from reader to card
with amplitude modulation, data transfer from
card to reader.
s
MAIN FEATURES
– Supply voltage: from 5 V to 15 V
– Modulation: 10% ASK
– Data transfer to card: up to 424 KBit/second
– Data transfer to reader: up to 424 KBit/second
– DC subcarrier output level
– Quartz oscillator 13.56 MHz
± 100 ppm
FUNCTION: DECODER AND FRAME
FORMATING FOR CONTACTLESS
SMARTCARD READERS
s
GENERAL DESCRIPTION
– This is an FPGA dedicated to contactless Smart-
card. This interface complies with ISO 14443-3
Type B
s
MAIN FEATURES
– Supply voltage: 3.3 V
– Programmable data transfer from reader to card
– 106 KBit/second, 212 KBit/second and 424 KBit/
second
– Programmable data transfer from card to reader
– 106 KBit/second, 212 KBit/second and 424 KBit/
second
– 8 bit parallel interface for MCU
– Programmable SCI interface from 4800 to 115
KBit/second
FUNCTION: MCU FOR CONTACTLESS
SMARTCARD READER
s
GENERAL DESCRIPTION
– the ST92163 is a 8/16 bit MCU
s
MAIN FEATURES
– Supply voltage: 5 V
– Internal memory 16 K bytes OTP
– 2 K Bytes of RAM
– 24 MHz CPU frequency
– Full speed USB
– SCI up to 315 KBit
– External memory up to 256 KBytes
– Rich instruction set with 14 addressing modes,
versatile development tools, including assem-
bler, linker, C compiler, hardware emulators and
real time operating system.
1
October 1999


Similar Part No. - STRF2163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
HB Electronic Component...
STRF3-1RGB-CA HB-STRF3-1RGB-CA Datasheet
161Kb / 2P
LED
logo
Allegro MicroSystems
STRF6600 ALLEGRO-STRF6600 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6624 ALLEGRO-STRF6624 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Similar Description - STRF2163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
ST16-19RFRDCS910 STMICROELECTRONICS-ST16-19RFRDCS910 Datasheet
18Kb / 2P
CONTACTLESS READER CHIP SET With ST92163MCU
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com