Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2559 Datasheet (PDF) - Allegro MicroSystems

A2559 Datasheet PDF - Allegro MicroSystems
Part # A2559
Download  A2559 Download
File Size   118.84 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED QUAD POWER DRIVER

A2559 Datasheet (PDF)

Go To PDF Page Download Datasheet
A2559 Datasheet PDF - Allegro MicroSystems

Part # A2559
Download  A2559 Click to download

File Size   118.84 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED QUAD POWER DRIVER

A2559 Datasheet (HTML) - Allegro MicroSystems


A2559 Product details

Providing improved output current limiting, the UDK, UDN, and UDQ2559B, EB, and LB quad power drivers combine AND logic gates and high-current bipolar outputs with complete output protection.

Each of the four outputs will sink 700 mA in the on state. The outputs have a minimum breakdown voltage (load dump) of 60 V and a sustaining voltage of 40 V. The inputs are compatible with TTL and 5 V CMOS logic systems.



FEATURES

■ 700 mA Output Current per Channel

■ Independent Over-Current Protection for Each Driver

■ Thermal Protection for Device and Each Driver

■ Low Output-Saturation Voltage

■  Integral Output Flyback Diodes

■ TTL and 5 V CMOS Compatible Inputs

■ Pin-Compatible With UDQ2543B/EB and UDK2549B/EB




Similar Part No. - A2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
Relay Driver with 5 V Regulator
logo
Turck, Inc.
A2550 TURCK-A2550 Datasheet
794Kb / 3P
Front Mount
12/03/2022
A2550 TURCK-A2550 Datasheet
806Kb / 3P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
A2550 TURCK-A2550 Datasheet
743Kb / 3P
Actuator and Sensor Receptacle – Rear Mount
06/07/2023
A2550 TURCK-A2550 Datasheet
826Kb / 3P
Actuator and Sensor Receptacle – Front Mount
06/07/2023
More results


Similar Description - A2559

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com