Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8483 Datasheet (PDF) - Allegro MicroSystems

A8483 Datasheet PDF - Allegro MicroSystems
Part # A8483
Download  A8483 Download
File Size   328.62 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1.2 MHz Step-up Converter for Display Bias Supply

A8483 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8483 Datasheet PDF - Allegro MicroSystems

Part # A8483
Download  A8483 Click to download

File Size   328.62 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 1.2 MHz Step-up Converter for Display Bias Supply

A8483 Datasheet (HTML) - Allegro MicroSystems


A8483 Product details

FEATURES
„ Output voltage up to 35 V
„ 2.5 to 10 V input
„ 0.9 to 18 V input with separate bias supply
„ Delivers 15 V at 15 mA with 2.7 V input
„ Constant 1.2 MHz switching frequency provides low noise
„ 350 mA switch current limit
„ 1 μA shutdown current
„ Low-noise PWM/analog dimming




Similar Part No. - A8483

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8483 ALLEGRO-A8483 Datasheet
288Kb / 10P
1.2 MHz Step-up Converter for Display Bias Supply
A8483_V ALLEGRO-A8483_V Datasheet
288Kb / 10P
1.2 MHz Step-up Converter for Display Bias Supply
More results


Similar Description - A8483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
2/05-Revision 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Allegro MicroSystems
A8483_V ALLEGRO-A8483_V Datasheet
288Kb / 10P
1.2 MHz Step-up Converter for Display Bias Supply
logo
Analog Devices
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
logo
Texas Instruments
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com