Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611 Datasheet (PDF) - Analog Devices

ADP1611 Datasheet PDF - Analog Devices
Part # ADP1611
Download  ADP1611 Download
File Size   743.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V,1.2 MHz Step-Up DC-to-DC Switching Converter

ADP1611 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1611 Datasheet PDF - Analog Devices

Part # ADP1611
Download  ADP1611 Click to download

File Size   743.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V,1.2 MHz Step-Up DC-to-DC Switching Converter

ADP1611 Datasheet (HTML) - Analog Devices


ADP1611 Product details

GENERAL DESCRIPTION
The ADP1611 is a step-up dc-to-dc switching converter with an integrated 1.2 A, 0.23 Ω power switch capable of providing an output voltage as high as 20 V. With a package height of less than 1.1 mm, the ADP1611 is optimal for space-constrained applications such as portable devices or thin film transistor (TFT) liquid crystal displays (LCDs).

FEATURES
    Fully integrated 1.2 A , 0.23 Ω power switch
    Pin-selectable 700 kHz or 1.2 MHz PWM frequency
    90% efficiency
    Adjustable output voltage up to 20 V
    3% output regulation accuracy
    Adjustable soft start
    Input undervoltage lockout
    MSOP 8-lead package

APPLICATIONS
    TFT LC bias supplies
    Portable applications
    Industrial/instrumentation equipment




Similar Part No. - ADP1611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1611 AD-ADP1611 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
More results


Similar Description - ADP1611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Analog Devices
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com