Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1611 Datasheet (PDF) - Analog Devices

ADP1611 Datasheet PDF - Analog Devices
Part # ADP1611
Download  ADP1611 Download
File Size   819.45 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Constant-Frequency, Current-Mode Step-Up DC/DC Controller

ADP1611 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1611 Datasheet PDF - Analog Devices

Part # ADP1611
Download  ADP1611 Click to download

File Size   819.45 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Constant-Frequency, Current-Mode Step-Up DC/DC Controller

ADP1611 Datasheet (HTML) - Analog Devices


ADP1611 Product details

GENERAL DESCRIPTION
The ADP1621 is a fixed-frequency, pulse-width modulation (PWM), current-mode, step-up converter controller. It drives an external n-channel MOSFET to convert the input voltage to a higher output voltage. The ADP1621 can also be used to drive flyback, SEPIC, and forward converter topologies, either isolated or nonisolated.
The ADP1621 eliminates the use of a current-sense power resistor by measuring the voltage drop across the on resistance of the n-channel MOSFET. This technique, allowed up to a maximum voltage of 30 V at the switch node, maximizes efficiency and reduces cost. For switch-node voltages higher than 30 V or for more accurate current limiting, the CS pin can be connected to a current-sense resistor in the source of the MOSFET.

FEATURES
   92% efficiency (no sense resistor required)
   ±1.0% initial accuracy
   IC supply voltage range: 2.9 V to 5.5 V
   Power-input voltage as low as 1.0 V
   Capable of high supply input voltage (>5.5 V)
      with an external NPN or a resistor
   VIN UVLO and 35 mA shunt regulator
   External slope compensation with 1 resistor
   Programmable operating frequency
      (100 kHz to 1.5 MHz) with 1 resistor
   Lossless current sensing for switch-node voltage <30 V
   Resistor current sensing for switch-node voltage >30 V
   Synchronizable to external clock
   Current-mode operation for excellent line and load transient
      responses
   10 μA shutdown current
   Current limit and thermal overload protection
   Soft start in 2048 clock cycles

APPLICATIONS
   APD bias
   Portable electronic equipment
   Isolated dc/dc converter
   Step-up/step-down dc/dc converter
   LED driver for laptop computer and navigation system
   LCD backlighting




Similar Part No. - ADP1611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
2/05-Revision 0
ADP1611-EVAL AD-ADP1611-EVAL Datasheet
743Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
2/05-Revision 0
ADP1611ARMZ-R7 AD-ADP1611ARMZ-R7 Datasheet
743Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
2/05-Revision 0
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
More results


Similar Description - ADP1611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
logo
Linear Technology
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Analog Devices
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com