Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5196 Datasheet (PDF) - Intersil Corporation

EL5196 Datasheet PDF - Intersil Corporation
Part # EL5196
Download  EL5196 Download
File Size   264.94 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 400MHz Fixed Gain Amplifier with Enable

EL5196 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5196 Datasheet PDF - Intersil Corporation

Part # EL5196
Download  EL5196 Click to download

File Size   264.94 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 400MHz Fixed Gain Amplifier with Enable

EL5196 Datasheet (HTML) - Intersil Corporation


EL5196 Product details

The EL5196 and the EL5196A are fixed gain amplifiers with a bandwidth of 400MHz, making these amplifiers ideal for today’s high speed video and monitor applications. These amplifiers feature internal gain setting resistors and can be configured in a gain of +1, -1 or +2. The same bandwidth is seen in both gain-of-1 and gain-of-2 applications.

Features
• Gain selectable (+1, -1, +2)
• 400MHz -3dB BW (AV = 1, 2)
• 9mA supply current
• Fast enable/disable (EL5196A only)
• Single and dual supply operation, from 5V to 10V or ±2.5V to ±5V
• Available in SOT-23 packages
• Triple (EL5396) available
• 200MHz, 4mA products available (EL5197 & EL5397)

Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5196

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196ACS ETC1-EL5196ACS Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196ACS-T13 ETC1-EL5196ACS-T13 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196ACS-T7 ETC1-EL5196ACS-T7 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196ACW-T13 ETC1-EL5196ACW-T13 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
More results


Similar Description - EL5196

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
Single 400MHz Fixed Gain Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
January 22, 2004
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
Triple 200MHz Fixed Gain Amplifier with Enable
January 22, 2004
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com