Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5196C Datasheet (PDF) - Elantec Semiconductor

EL5196C Datasheet PDF - Elantec Semiconductor
Part # EL5196C
Download  EL5196C Download
File Size   292.58 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Single 400MHz Fixed Gain Amplifier

EL5196C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5196C Datasheet PDF - Elantec Semiconductor

Part # EL5196C
Download  EL5196C Click to download

File Size   292.58 Kbytes
Page   14 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Single 400MHz Fixed Gain Amplifier

EL5196C Datasheet (HTML) - Elantec Semiconductor


EL5196C Product details

General Description
The EL5196C is a fixed gain amplifier with a bandwidth of 400MHz, making these amplifiers ideal for today’s high speed video and monitor applications. The EL5196C features internal gain setting resistors and can be configured in a gain of +1, -1 or +2. The same bandwidth is seen in both gain-of-1 and gain-of-2 applications.

Features
• Gain selectable (+1, -1, +2)
• 400MHz -3dB BW (AV = 1, 2)
• 9mA supply current
• Single and dual supply operation, from 5V to 10V
• Available in 5-pin SOT23 package
• Triple (EL5396C) available
• 200MHz, 4mA product available (EL5197C, EL5397C)

Applications
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters




Similar Part No. - EL5196C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196C ETC1-EL5196C Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T13 ETC1-EL5196CW-T13 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T7 ETC1-EL5196CW-T7 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196CW-T7 INTERSIL-EL5196CW-T7 Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
EL5196CW-T7A INTERSIL-EL5196CW-T7A Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
More results


Similar Description - EL5196C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
Single 200MHz Fixed Gain Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
January 22, 2004
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com