Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M04-DR Datasheet (PDF) - STMicroelectronics

M95M04-DR Datasheet PDF - STMicroelectronics
Part # M95M04-DR
Download  M95M04-DR Download
File Size   843.95 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-Mbit serial SPI bus EEPROM

M95M04-DR Datasheet (PDF)

Go To PDF Page Download Datasheet
M95M04-DR Datasheet PDF - STMicroelectronics

Part # M95M04-DR
Download  M95M04-DR Click to download

File Size   843.95 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-Mbit serial SPI bus EEPROM

M95M04-DR Datasheet (HTML) - STMicroelectronics


M95M04-DR Product details

Features
■ Compatible with the serial peripheral interface (SPI) bus
■ Memory array – 4 Mbit (512 Kbytes) of EEPROM – Page size: 512 bytes – Additional write lockable page (Identification page)
■ Write time – Byte Write within 5 ms – Page Write within 5 ms
■ Write protect – quarter array – half array – whole memory array
■ Max clock frequency: 10 MHz
■ Single supply voltage: 1.8 V to 5.5 V
■ Operating temperature range: from -40 °C up to +85 °C
■ Enhanced ESD protection (up to 4 kV in human body model)
■ More than 4 million Write cycles
■ More than 40-year data retention




Similar Part No. - M95M04-DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-125 STMICROELECTRONICS-M95M01-125 Datasheet
399Kb / 37P
Automotive 1-Mbit serial SPI bus EEPROM
20-Jun-2012
M95M01-A125 STMICROELECTRONICS-M95M01-A125 Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
M95M01-A145 STMICROELECTRONICS-M95M01-A145 Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M01-DWDW3TG STMICROELECTRONICS-M95M01-DWDW3TG Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
More results


Similar Description - M95M04-DR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M02-DR STMICROELECTRONICS-M95M02-DR_V01 Datasheet
952Kb / 45P
2-Mbit serial SPI bus EEPROM
28-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com