Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC14BQ Datasheet (PDF) - NXP Semiconductors

74ALVC14BQ Datasheet PDF - NXP Semiconductors
Part # 74ALVC14BQ
Download  74ALVC14BQ Download
File Size   92.06 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex inverting Schmitt trigger

74ALVC14BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC14BQ Datasheet PDF - NXP Semiconductors

Part # 74ALVC14BQ
Download  74ALVC14BQ Click to download

File Size   92.06 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hex inverting Schmitt trigger

74ALVC14BQ Datasheet (HTML) - NXP Semiconductors


74ALVC14BQ Product details

General description
The 74ALVC14 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.
The 74ALVC14 provides six inverting buffers with Schmitt-trigger action. It is capable of transforming slowly changing input signals into sharply defined, jitter-free output signals.

Features
■ Wide supply voltage range from 1.65 V to 3.6 V
■ 3.6 V tolerant inputs/outputs
■ CMOS low power consumption
■ Direct interface with TTL levels (2.7 V to 3.6 V)
■ Power-down mode
■ Unlimited input rise and fall times
■ Latch-up performance exceeds 250 mA
■ Complies with JEDEC standard:
    ◆ JESD8-7 (1.65 V to 1.95 V)
    ◆ JESD8-5 (2.3 V to 2.7 V)
    ◆ JESD8-B/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
    ◆ HBM EIA/JESD22-A114-B exceeds 2000 V
    ◆ MM EIA/JESD22-A115-A exceeds 200 V
■ Multiple package options




Similar Part No. - 74ALVC14BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC14BQ NEXPERIA-74ALVC14BQ Datasheet
254Kb / 16P
Hex inverting Schmitt trigger
Rev. 5 - 30 April 2021
More results


Similar Description - 74ALVC14BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
Hex inverting Schmitt trigger
1999 Sep 27
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com