Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC14BQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC14BQ
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC14BQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC14BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 9Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 10Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 11Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 12Page - NXP Semiconductors 74ALVC14BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 14592
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 15 February 2005
9 of 16
Philips Semiconductors
74ALVC14
Hex inverting Schmitt trigger
[1]
All typical values are measured at Tamb = 25 °C.
[2]
The typical transfer characteristic is displayed in Figure 9.
14. Waveforms transfer characteristics
VH
hysteresis (VT+ − VT−)VCC = 1.65 V
0.25
0.34
0.62
V
VCC = 1.95 V
0.25
0.36
0.62
V
VCC = 2.3 V
0.3
0.36
1.0
V
VCC = 2.7 V
0.3
0.38
1.1
V
VCC = 3.0 V
[2] 0.3
0.37
1.2
V
VCC = 3.6 V
0.3
0.40
1.2
V
Table 11:
Transfer characteristics …continued
The VIH and VIL from the family static characteristics are superseded by the VT+ and VT−.
Voltages are referenced to GND (ground = 0 V); see Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VT− at 20 % and VT+ at 70 %
Fig 8.
Definition of VT+, VT− and VH
VCC = 3.0 V.
Fig 9.
Typical transfer characteristic
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−
0
0.6
1.2
3
5
4
0
1
2
3
mna582
1.8
2.4
VI (V)
ICC
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com