Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZG03C15 Datasheet (PDF) - ON Semiconductor

BZG03C15 Datasheet PDF - ON Semiconductor
Part # BZG03C15
Download  BZG03C15 Download
File Size   42.28 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Surge Rated Voltage Regulators

BZG03C15 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZG03C15 Datasheet PDF - ON Semiconductor

Part # BZG03C15
Download  BZG03C15 Click to download

File Size   42.28 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Zener Surge Rated Voltage Regulators

BZG03C15 Datasheet (HTML) - ON Semiconductor


BZG03C15 Product details

600 Watt Peak Power Zener Surge Rated Voltage Regulators

The SMA series is supplied in ON Semiconductor’s exclusive, cost-effective, highly reliable SURMETIC package and is ideally suited for use in communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. This new line of 1.5 watt Zener diodes offers the following advantages:

Specification Features
• Standard Zener Breakdown Voltage − 15 V to 150 V
• Peak Power 600 Watts @ 100 s
• ESD Rating of Class 3 (> 16 KV) per Human Body Model
• Response Time is Typically < 1.0 ns
• Flat Handling Surface for Accurate Placement
• Package Design for Top Slide or Bottom Circuit Board Mounting
• Low Profile Package
• Pb−Free Packages are Available




Similar Part No. - BZG03C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C15 VISHAY-BZG03C15 Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
logo
ON Semiconductor
BZG03C15 ONSEMI-BZG03C15 Datasheet
52Kb / 4P
600 Watt Peak Power Zener Surge Rated Voltage Regulators
July, 2005 ??Rev. 4
logo
Galaxy Semi-Conductor H...
BZG03C15 BILIN-BZG03C15 Datasheet
106Kb / 3P
ZENER DIODES
logo
Vishay Siliconix
BZG03C15 VISHAY-BZG03C15 Datasheet
178Kb / 6P
Zener Diodes
15-Sep-05
logo
Shenzhen Taychipst Elec...
BZG03C15 TAYCHIPST-BZG03C15 Datasheet
1Mb / 3P
Silicon Z?밆iodes
More results


Similar Description - BZG03C15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
SMBJ12AON ONSEMI-SMBJ12AON Datasheet
62Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressor
July, 2005 ??Rev. 0
1SMB5.0AT3 ONSEMI-1SMB5.0AT3 Datasheet
69Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
BZG03C15 ONSEMI-BZG03C15_05 Datasheet
52Kb / 4P
600 Watt Peak Power Zener Surge Rated Voltage Regulators
July, 2005 ??Rev. 4
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
logo
Littelfuse
NSB12ANT3G LITTELFUSE-NSB12ANT3G Datasheet
233Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com