Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9710 Datasheet (PDF) - Maxim Integrated Products

MAX9710 Datasheet PDF - Maxim Integrated Products
Part # MAX9710
Download  MAX9710 Download
File Size   606.55 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown

MAX9710 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9710 Datasheet PDF - Maxim Integrated Products

Part # MAX9710
Download  MAX9710 Click to download

File Size   606.55 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown

MAX9710 Datasheet (HTML) - Maxim Integrated Products


MAX9710 Product details

General Description
The MAX9710/MAX9711 are stereo/mono 3W bridge-tied load (BTL) audio power amplifiers. These devices are PC99/01 compliant, operate from a single 4.5V to 5.5V supply, and feature an industry-leading 100dB PSRR, which allows these devices to operate from noisy supplies without additional, costly power-supply conditioning. An ultra-low 0.005% THD+N ensures clean, low-distortion amplification of the audio signal while patented click-and-pop suppression eliminates audible transients on power and shutdown cycles. Power-saving features include low 2mV VOS (minimizing DC current drain through the speakers), low 7mA supply current, and a 0.5µA shutdown mode. A MUTE function allows the outputs to be quickly enabled or disabled.

Features
♦ 3W into 3Ω (1% THD+N)
♦ 4W into 3Ω (10% THD+N)
♦ Industry-Leading, Ultra-High 100dB PSRR
♦ PC99/01 Compliant
♦ Patented Click-and-Pop Suppression
♦ Low 0.005% THD+N
♦ Low Quiescent Current: 7mA
♦ Low-Power Shutdown Mode: 0.5µA
♦ MUTE Function
♦ Tiny 20-Pin Thin QFN (5mm ✕ 5mm ✕ 0.8mm) and 16-Pin TSSOP-EP Packages

Applications
   Notebook PCs
   Flat-Panel TVs
   Flat-Panel PC Displays
   Two-Way Radios
   General-Purpose Audio
   Powered Speakers




Similar Part No. - MAX9710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
logo
Analog Devices
MAX9710 AD-MAX9710 Datasheet
2Mb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 3 10/24
logo
Maxim Integrated Produc...
MAX9710ETP MAXIM-MAX9710ETP Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
logo
Analog Devices
MAX9710ETP AD-MAX9710ETP Datasheet
2Mb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 3 10/24
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
More results


Similar Description - MAX9710

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com