Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4950 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM4950 Datasheet PDF - National Semiconductor (TI)
Part # LM4950
Download  LM4950 Download
File Size   1447.0 Kbytes
Page   25 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier

LM4950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4950 Datasheet PDF - National Semiconductor (TI)

Part # LM4950
Download  LM4950 Click to download

File Size   1447.0 Kbytes
Page   25 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier

LM4950 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM4950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4950 TI2-LM4950 Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS TI1-LM4950TS Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS TI2-LM4950TS Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS.A TI2-LM4950TS.A Datasheet
2Mb / 32P
LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4950TS/NOPB TI1-LM4950TS/NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results


Similar Description - LM4950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Monolithic Power System...
MP7770 MPS-MP7770 Datasheet
973Kb / 23P
2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
List of Unclassifed Man...
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com