Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4950 Datasheet (PDF) - Texas Instruments

LM4950 Datasheet PDF - Texas Instruments
Part # LM4950
Download  LM4950 Download
File Size   2992.66 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier

LM4950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4950 Datasheet PDF - Texas Instruments

Part # LM4950
Download  LM4950 Click to download

File Size   2992.66 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier

LM4950 Datasheet (HTML) - Texas Instruments


LM4950 Product details

1FEATURES
23• Pop & Click Circuitry Eliminates Noise During
Turn-On and Turn-Off Transitions
• Low Current, Active-Low Shutdown Mode
• Low Quiescent Current
• Stereo 3.1W Output, R L = 4Ω
• Mono 7.5W BTL Output, RL = 8Ω
• Short Circuit Protection
• Unity-Gain Stable
• External Gain Configuration Capability

KEY SPECIFICATIONS
• Quiescent Power Supply Current 16mA (typ)
• P OUT (SE)
– VDD = 12V, RL = 4Ω, 1% THD+N: 3.1W (typ)
• POUT (BTL)
– VDD = 12V, RL = 8Ω, 10% THD+N: 7.5W (typ)
• Shutdown Current 40μA (typ)

APPLICATIONS
• Flat Panel Monitors
• Flat Panel TVs
• Computer Sound Cards

DESCRIPTION
The LM4950 is a dual audio power amplifier primarily
designed for demanding applications in flat panel
monitors and TV's. It is capable of delivering 3.1
watts per channel to a 4Ω single-ended load with less
than 1% THD+N or 7.5 watts mono BTL to an 8Ω
load, with less than 10% THD+N from a 12VDC power
supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4950 does not require bootstrap capacitors or
snubber circuits. Therefore, it is ideally suited for
display applications requiring high power and minimal
size.
The LM4950 features a low-power consumption
active-low shutdown mode. Additionally, the LM4950
features an internal thermal shutdown protection
mechanism along with short circuit protection.
The LM4950 contains advanced pop & click circuitry
that eliminates noises which would otherwise occur
during turn-on and turn-off transitions.
The LM4950 is a unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TA NSC-LM4950TA Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS NSC-LM4950TS Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Texas Instruments
LM4950TS TI1-LM4950TS Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS/NOPB TI1-LM4950TS/NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results


Similar Description - LM4950

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com