Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOUR200 Datasheet (PDF) - Schneider Electric

QOUR200 Datasheet PDF - Schneider Electric
Part # QOUR200
Download  QOUR200 Download
File Size   110.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA

QOUR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR200 Datasheet PDF - Schneider Electric

Part # QOUR200
Download  QOUR200 Click to download

File Size   110.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA

QOUR200 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUR200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR210 SCHNEIDER-QOUR210 Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR2103100 SCHNEIDER-QOUR2103100 Datasheet
100Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 2P, 120/240V, 10kA, Mounting Foot
QOUR2105283 SCHNEIDER-QOUR2105283 Datasheet
102Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 2P, 120/240V, 10kA, Ring Terminal
QOUR215 SCHNEIDER-QOUR215 Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 2P, 120/240V, 10kA
Mar 2, 2020
QOUR2155283 SCHNEIDER-QOUR2155283 Datasheet
102Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 2P, 120/240V, 10kA, Ring Terminal
More results


Similar Description - QOUR200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU200 SCHNEIDER-QOU200 Datasheet
138Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA
QOU300 SCHNEIDER-QOU300 Datasheet
141Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 3P, 240V, 10kA
QOUR220 SCHNEIDER-QOUR220 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR230 SCHNEIDER-QOUR230 Datasheet
107Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR260 SCHNEIDER-QOUR260 Datasheet
122Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR160 SCHNEIDER-QOUR160 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
Mar 2, 2020
QOUR2301201 SCHNEIDER-QOUR2301201 Datasheet
116Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOUR2601201 SCHNEIDER-QOUR2601201 Datasheet
116Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOU2000 SCHNEIDER-QOU2000 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 100A, 2P, 240V, 10kA
Mar 2, 2020
QOU20001 SCHNEIDER-QOU20001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 2P, 240V, 10kA
Mar 2, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com