Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOU2000 Datasheet (PDF) - Schneider Electric

QOU2000 Datasheet PDF - Schneider Electric
Part # QOU2000
Download  QOU2000 Download
File Size   133.19 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Non-Automatic Miniature Switch, 100A, 2P, 240V, 10kA

QOU2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU2000 Datasheet PDF - Schneider Electric

Part # QOU2000
Download  QOU2000 Click to download

File Size   133.19 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Non-Automatic Miniature Switch, 100A, 2P, 240V, 10kA

QOU2000 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU20001 SCHNEIDER-QOU20001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 2P, 240V, 10kA
Mar 2, 2020
More results


Similar Description - QOU2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU200 SCHNEIDER-QOU200 Datasheet
138Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA
QOU300 SCHNEIDER-QOU300 Datasheet
141Kb / 2P
QOU Non-Automatic Miniature Switch, 60A, 3P, 240V, 10kA
QOU2100 SCHNEIDER-QOU2100 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA
Feb 21, 2020
QOU3000 SCHNEIDER-QOU3000 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 100A, 3P, 240V, 10kA
Feb 21, 2020
QOU21002100 SCHNEIDER-QOU21002100 Datasheet
103Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Alarm Switch
QOUR200 SCHNEIDER-QOUR200 Datasheet
110Kb / 2P
QOUR Non-Automatic Miniature Switch, 60A, 2P, 240V, 10kA
Mar 2, 2020
QOU20001 SCHNEIDER-QOU20001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 2P, 240V, 10kA
Mar 2, 2020
QOU30001 SCHNEIDER-QOU30001 Datasheet
133Kb / 2P
QOU Non-Automatic Miniature Switch, 125A, 3P, 240V, 10kA
Mar 2, 2020
QOU21001200 SCHNEIDER-QOU21001200 Datasheet
133Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
QOU21001201 SCHNEIDER-QOU21001201 Datasheet
133Kb / 2P
QOU Miniature Circuit Breaker, 100A, 2P, 120/240V, 10kA, Aux Switch
Mar 2, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com