Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6252 Datasheet (PDF) - Allegro MicroSystems

A6252 Datasheet PDF - Allegro MicroSystems
Part # A6252
Download  A6252 Download
File Size   373.27 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input/15 W 50 kHz Flyback Switching Regulators

A6252 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6252 Datasheet PDF - Allegro MicroSystems

Part # A6252
Download  A6252 Click to download

File Size   373.27 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input/15 W 50 kHz Flyback Switching Regulators

A6252 Datasheet (HTML) - Allegro MicroSystems


A6252 Product details

FEATURES AND BENEFITS
■ 50 kHz PWM with ±5% Frequency Jittering
Cost Reduction of EMI Noise Filtering
■ Rugged 650 V Avalanche-Rated MOSFET
Simplified Surge Absorption
No VDSS Derating Required
■ Choice of rDS(on) (2.8 Ω or 3.95 Ω maximum)
■ Auto-Burst Mode for Stand-By Operation or Light Loads
Less Transformer Audible Noise
■ Built-In Leading Edge Blanking
■ Soft Start and Low Start-Up Current
Start-Up Circuit Disabled in Operation
■ Low Operating Current (4 mA max)
■ Automatic Burst Stand-By (intermittent operation)
Input Power <0.1 W at No Load
■ Auto-Bias Function
Stable Burst Operation Without Generating Interference
■ Internal Off-Timer Circuit
■ Built-In Constant-Voltage/Constant Current
■ Multiple Protections:
Pulse-by-Pulse Overcurrent Protection (OCP)
Overload Protection (OLP) with Auto Restart
Latching Overvoltage Protection (OVP)
Undervoltage Lockout (UVLO) with Hysteresis
Latching Thermal Shutdown (TSD)
■ Molded Small-Size 8-Pin Package
For Low-Height SMPS




Similar Part No. - A6252

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6252M ALLEGRO-A6252M Datasheet
972Kb / 13P
Universal-Input 20W 67kHz Flyback Switching Regulators
More results


Similar Description - A6252

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Sanken electric
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
Universal-Input 20W 67kHz Flyback Switching Regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com