Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-W6252D Datasheet (PDF) - Allegro MicroSystems

STR-W6252D Datasheet PDF - Allegro MicroSystems
Part # STR-W6252D
Download  STR-W6252D Download
File Size   588.82 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators

STR-W6252D Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-W6252D Datasheet PDF - Allegro MicroSystems

Part # STR-W6252D
Download  STR-W6252D Click to download

File Size   588.82 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators

STR-W6252D Datasheet (HTML) - Allegro MicroSystems




Similar Part No. - STR-W6252D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6252D SANKEN-STR-W6252D Datasheet
85Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results


Similar Description - STR-W6252D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Power Integrations, Inc...
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
logo
Sanken electric
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com