Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-91 Datasheet (PDF) - Power Integrations, Inc.

DI-91 Datasheet PDF - Power Integrations, Inc.
Part # DI-91
Download  DI-91 Download
File Size   426.93 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 12 W Universal Input CV Adapter

DI-91 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-91 Datasheet PDF - Power Integrations, Inc.

Part # DI-91
Download  DI-91 Click to download

File Size   426.93 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 12 W Universal Input CV Adapter

DI-91 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
0.5 W Non-Isolated Constant Current LED Driver
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
More results


Similar Description - DI-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
3 W Universal Adapter
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
logo
Volgen Kaga Electronics...
KTPS12-12010WA-VI-P1 VOLGEN-KTPS12-12010WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
KTPS12-24005WA-VI-P1 VOLGEN-KTPS12-24005WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com