Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-91 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-91
Description  12 W Universal Input CV Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-91 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-91 Datasheet HTML 1Page - Power Integrations, Inc. DI-91 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-91
TinySwitch-III
12 W Universal Input CV Adapter
www.powerint.com
Figure 1. TinySwitch-III 12 W, Universal Input, CV Adapter.
DI-91
®
January 2006
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
General Purpose
TNY278P
12 W
85-265 VAC
12 V
Flyback
D
S
S
BP/M
EN/UV
L1
1 mH
D1
1N4007
RV1
275 VAC
F1
3.15 A
D2
1N4007
C1
6.8
µF
400 V
C6
1
µF
60 V
C2
22
µF
400 V
C10
1000
µF
25 V
C5
2.2 nF
250 VAC
C11
100
µF
25 V
+12 V, 1 A
85-265
VAC
RTN
J4
J3
J1
J2
C7
100 nF
50 V
U1
TNY278P
C4
10 nF
1 kV
VR1
P6KE150A
NC
8
6
4
T1
2
5
1
3
D5
1N4007GP
D6
UF4003
D7
BYV28-200
U2
PC817A
VR2
1N5255B
28 V
VR3
BZX79-C11
11 V
C7 is configurable to adjust
U1 current limit, see circuit
description
*R5 and R8 are optional
components
R5*
3.6 M
Ω
R3
47
Ω
1/8 W
R4
2 k
Ω
1/8 W
R6
390
Ω
1/8 W
R7
20
Ω
R8*
21 k
Ω
1%
R1
1 k
Ω
R2
100
Ω
D3
1N4007
D4
1N4007
L2
Ferrite Bead
3.5 × 7.6 mm
PI-4244-021406
†
†
TinySwitch-III
Design Highlights
• No-load consumption <50 mW at 265 VAC (R8 fitted)
• Active mode efficiency >75% (CEC standard: ≥71%)
• BP/M pin capacitor value selects MOSFET current
limit (I
LIMIT–1, ILIMIT, or ILIMIT+1): for design flexibility
• Output OVP function senses overvoltage on the output
through the primary bias winding
• Accurate (±5%), auto-recovering, hysteretic thermal
shutdown function maintains safe PCB temperatures
• Auto-restart function protects against output short
circuits and open feedback loops
• > 3.2 mm package pin creepage: reliable operation in
high humidity and high pollution environments
Operation
This universal input, 12 V, 1 A, flyback converter was
designed around a member of the TinySwitch-III IC family,
the TNY278P. Because of the many features integrated into
the device family, the supply only requires 31 through-hole
components (no SMT), which enables a simple, single-sided
PCB layout to be used.
The use of an E-shield™ in the transformer, a low-noise drain-
node clamp (R2, C4 and D5), a single Y capacitor (C5) and the
deviceʼs switching frequency jitter function enable a low-cost
pi (π) filter (C1, L1 and C2) to attenuate conducted EMI enough
toprovidemorethan10dBofmargintoEN550022requirements
(see Figure 4). The clamp circuit Zener (VR1) only conducts
briefly during startup and at worst-case overload, just before
the auto-restart function is activated.
Although TinySwitch-III family members do not need a bias
windingtooperate,onewasusedinthisdesigntotakeadvantage
of the ICʼs output OVPdetection function. If an open loop fault
causes an overvoltage on the output, VR2 will conduct. When
the current into the BP/M pin exceeds 5.5 mA, an internal latch
triggers and disables MOSFET switching (see Figure 3), until
ACpowerisremovedandreapplied(toresetthelatch). Resistor
R3 limits the current through VR2, while R3 and R7 attenuate
the portion of the leakage inductance spike that appears in the
bias winding.


Similar Part No. - DI-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
0.5 W Non-Isolated Constant Current LED Driver
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
More results

Similar Description - DI-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
3 W Universal Adapter
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
logo
Volgen Kaga Electronics...
KTPS12-12010WA-VI-P1 VOLGEN-KTPS12-12010WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
KTPS12-24005WA-VI-P1 VOLGEN-KTPS12-24005WA-VI-P1 Datasheet
492Kb / 3P
12 Watt Universal Input, Wall Mount Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com