Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2082 Datasheet (PDF) - Intersil Corporation

EL2082 Datasheet PDF - Intersil Corporation
Part # EL2082
Download  EL2082 Download
File Size   263.04 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Mode Multiplier

EL2082 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2082 Datasheet PDF - Intersil Corporation

Part # EL2082
Download  EL2082 Click to download

File Size   263.04 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Mode Multiplier

EL2082 Datasheet (HTML) - Intersil Corporation


EL2082 Product details

General Description
The EL2082 is a general purpose variable gain control building block, built using an advanced proprietary complementary bipolar process. It is a two-quandrant multiplier, so that zero or negative control voltages do not allow signal feedthrough and very high attenuation is possible. The EL2082 works in current mode rather than voltage mode, so that the input impedance is low and the output impedance is high. This allows very wide bandwidth for both large and small signals.

Features
• Flexible inputs and outputs, all ground referred
• 150 MHz large and small-signal bandwidth
• 46 dB of calibrated gain control range
• 70 dB isolation in disable mode @ 10 MHz
• 0.15% diff gain and 0.05§ diff phase performance at NTSC using application circuit
• Operates on g5V to g15V power supplies
• Outputs may be paralleled to function as a multiplexer

Applications
• Level adjust for video signals
• Video faders and mixers
• Signal routing multiplexers
• Variable active filters
• Video monitor contrast control
• AGC
• Receiver IF gain control
• Modulation/demodulation
• General ‘‘cold’’ front-panel control of AC signals




Similar Part No. - EL2082

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082 ELANTEC-EL2082 Datasheet
357Kb / 16P
Current-Mode Multiplier
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
Current-Mode Multiplier
EL2082CN ELANTEC-EL2082CN Datasheet
357Kb / 16P
Current-Mode Multiplier
EL2082CS ELANTEC-EL2082CS Datasheet
357Kb / 16P
Current-Mode Multiplier
More results


Similar Description - EL2082

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
Current-Mode Multiplier
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
logo
Intersil Corporation
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
VTM??Current Multiplier
VTM48EF020T080A00 VICOR-VTM48EF020T080A00 Datasheet
1Mb / 18P
Current Multiplier
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
Current Multiplier
VTM48EH020X040A00 VICOR-VTM48EH020X040A00 Datasheet
1Mb / 16P
Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
VTM Current Multiplier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com