Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4083 Datasheet (PDF) - Intersil Corporation

EL4083 Datasheet PDF - Intersil Corporation
Part # EL4083
Download  EL4083 Download
File Size   165.23 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Mode Four Quadrant Multiplier

EL4083 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4083 Datasheet PDF - Intersil Corporation

Part # EL4083
Download  EL4083 Click to download

File Size   165.23 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Current Mode Four Quadrant Multiplier

EL4083 Datasheet (HTML) - Intersil Corporation


EL4083 Product details

Current Mode Four Quadrant Multiplier



The EL4083 makes use of an Elantec fully complimentary oxide isolated bipolar process to produce a patent pending current in, current out four quadrant multiplier. Input and output signal summing and direct interface to other current mode devices can be accomplished by simple

connection to reduce component count and preserve bandwidth. The selection of an appropriate series resistor value allows an input to accept a voltage signal of any size and optimize dynamic range. The differential outputs offer significant performance improvements which greatly extend

the usable gain control range at high frequencies. The bias current is programmable to accommodate the voltage and power dissipation constraints of the package and available

systems supplies.



Features

• Novel current mode design

    - Virtual ground current summing inputs

    - Differential ground referenced current outputs

• High speed (both inputs)

    - 200MHz bandwidth

    - 12ns 1% settling time

• Low distortion

    - THD < 0.03% @ 1MHz

    - THD < 0.1% @ 10MHz

• Low noise (RL= 50Ω)

    - 100dB dynamic range

    - 10Hz to 20kHz

    - 73dB dynamic range

    - 10Hz to 10MHz

• Wide supply conditions

    - ±5 to ±15V operation

    - Programmable bias current

• 0.2dB gain tolerance to 25MHz



Applications

• Four quadrant multiplication

• Gain control

• Controlled signal summing and multiplexing

• HDTV video fading and switching

• Mixing/modulating/demodulating (phase detection)

• Frequency doubling

• Division

• Squaring

• Square rooting

• RMS and power measurement

• Vector addition-RMS summing

• CRT focus and geometry correction

• Polynomial function generation

• AGC circuits




Similar Part No. - EL4083

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4083 ELANTEC-EL4083 Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
EL4083CN ELANTEC-EL4083CN Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
EL4083CS ELANTEC-EL4083CS Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
More results


Similar Description - EL4083

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
Four-Channel, Four-Quadrant Analog Multiplier
REV.B
logo
Elantec Semiconductor
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com