Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4083 Datasheet (PDF) - Elantec Semiconductor

EL4083 Datasheet PDF - Elantec Semiconductor
Part # EL4083
Download  EL4083 Download
File Size   283.87 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Current Mode Four Quadrant Multiplier

EL4083 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4083 Datasheet PDF - Elantec Semiconductor

Part # EL4083
Download  EL4083 Click to download

File Size   283.87 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Current Mode Four Quadrant Multiplier

EL4083 Datasheet (HTML) - Elantec Semiconductor


EL4083 Product details

General Description
The 4083C makes use of an Elantec fully complimentary oxide isolated bipolar process to produce a patent pending current in, current out four quadrant multiplier. Input and output signal summing and direct interface to other current mode devices can be accomplished by simple connection to reduce component count and preserve bandwidth. The selection of an appropriate series resistor value allows an input to accept a voltage signal of any size and optimize dynamic range.

Features
• Novel current mode design
    Virtual ground current summing inputs
    Differential ground referenced current outputs
• High speed (both inputs) 200 MHz bandwidth 12 ns 1% settling time
• Low distortion
    THD < 0.03% @ 1 MHz
    THD < 0.1% @ 10 MHz
• Low noise (RL e 50X)
    100 dB dynamic range 10 Hz to 20 kHz
    73 dB dynamic range 10 Hz to 10 MHz
• Wide supply conditions ±5 to ±15V operation Programmable bias current
• 0.2 dB gain tolerance to 25 MHz

Applications
• Four quadrant multiplication
• Gain control
• Controlled signal summing and multiplexing
• HDTV video fading and switching
• Mixing/modulating/ demodulating (phase detection)
• Frequency doubling
• Division
• Squaring
• Square rooting
• RMS and power measurement
• Vector addition-RMS summing
• CRT focus and geometry correction
• Polynomial function generation
• AGC circuits




Similar Part No. - EL4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
EL4083CN INTERSIL-EL4083CN Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
EL4083CS INTERSIL-EL4083CS Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
More results


Similar Description - EL4083

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
Four-Channel, Four-Quadrant Analog Multiplier
REV.B
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com