Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2210CS Datasheet (PDF) - Intersil Corporation

EL2210CS Datasheet PDF - Intersil Corporation
Part # EL2210CS
Download  EL2210CS Download
File Size   90.64 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost, Dual, Triple and Quad Video Op Amps

EL2210CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2210CS Datasheet PDF - Intersil Corporation

Part # EL2210CS
Download  EL2210CS Click to download

File Size   90.64 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost, Dual, Triple and Quad Video Op Amps

EL2210CS Datasheet (HTML) - Intersil Corporation


EL2210CS Product details

This family of dual, triple, and quad operational amplifiers built using Elantecs Complementary Bipolar process offers unprecedented high frequency performance at a very low cost. They are suitable for any application such as consumer video, where traditional DC performance specifications are of secondary importance to the high frequency specifications. On ±5V supplies at a gain of +1 the EL2210, EL2310, and EL2410 will drive a 150Ω load to +2V, -1V with a bandwidth of 50MHz and a channel-to-channel isolation of 60dB or more. At a gain of +2, the EL2211, EL2311, and EL2411 will drive a 150Ω load to +2V, -1V with a bandwidth of 100MHz with the same channel-to-channel isolation. All four achieve 0.1dB bandwidth at 5MHz.
The power supply operating range is fixed at ±5V or +10/0V. In single supply operation the inputs and outputs will operate to ground. Each amplifier draws only 7mA of supply current.

Features
• Stable at gain of 2 and 100MHz gain_bandwidth product
   (EL2211, EL2311, & EL2411)
• Stable at gain of 1 and 50MHz gain_bandwidth product
   (EL2210, EL2310, & EL2410)
• 130V/µs slew rate
• Drives 150Ω load to video levels
• Inputs and outputs operate at negative supply rail
• ±5V or +10V supplies
• -60dB isolation at 4.2MHz

Applications
• Consumer video amplifiers
• Active filters/integrators
• Cost-sensitive application
• Single supply amplifiers




Similar Part No. - EL2210CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2210CS ELANTEC-EL2210CS Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
EL2210CS-T13 ELANTEC-EL2210CS-T13 Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
EL2210CS-T7 ELANTEC-EL2210CS-T7 Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
More results


Similar Description - EL2210CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Analog Devices
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com