Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2210CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2210CS
Description  Low Cost, Dual, Triple and Quad Video Op Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2210CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2210CS Datasheet HTML 3Page - Intersil Corporation EL2210CS Datasheet HTML 4Page - Intersil Corporation EL2210CS Datasheet HTML 5Page - Intersil Corporation EL2210CS Datasheet HTML 6Page - Intersil Corporation EL2210CS Datasheet HTML 7Page - Intersil Corporation EL2210CS Datasheet HTML 8Page - Intersil Corporation EL2210CS Datasheet HTML 9Page - Intersil Corporation EL2210CS Datasheet HTML 10Page - Intersil Corporation EL2210CS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
EL2211/EL2311/EL2411 Macromodel (Continued)
* Revision A, June 1994
* Application Hints:
*
* A pull down resistor between the output and V- is recommended
* to allow output voltages to swing close to V-. See datasheet
* for recommended values.
*
* Connections:
+In
*
|
-In
*
|
|
V+
*
|
|
|
V-
*
|
|
|
|
Vout
*
|
|
|
|
|
.subckt EL2211/EL
3
2
8
4
1
q1 20 3 24 qp
q2 21 2 25 qp
q3 10 10 26 qp
q4 12 10 11 qp
q5 14 10 13 qp
q6 19 19 20 qn
q7 14 19 21 qn
q8 8 14 15 qn
q9 8 16 17 qn 10
r1 24 12 175
r2 12 25 175
r3 8 26 250
r4 8 11 150
r5 8 13 240
r6 20 4 150
r7 21 4 150
r8 15 17 700
r9 1 4 1250
r10 15 16 40
r11 17 1 15
r12 10 19 10K
r13 14 22 20
c1 22 4 0.42pF
c2 22 19 1pF
d1 1 14 dcap
.model qn npn(bf=150 tf=0.05nS)
.model qp pnp(bf=90 tf=0.05nS)
.model dcap d(rs=200 cjo=le- 12 vj=0.8 tt=100e-9)
.ends
EL2210/11, EL2310/11, EL2410/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com