Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4452 Datasheet (PDF) - Intersil Corporation

EL4452 Datasheet PDF - Intersil Corporation
Part # EL4452
Download  EL4452 Download
File Size   167.27 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband Variable-Gain Amplifier with Gain of 10

EL4452 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4452 Datasheet PDF - Intersil Corporation

Part # EL4452
Download  EL4452 Click to download

File Size   167.27 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband Variable-Gain Amplifier with Gain of 10

EL4452 Datasheet (HTML) - Intersil Corporation


EL4452 Product details

The EL4452 is a complete variable gain circuit. It offers wide bandwidth and excellent linearity, while including a powerful output voltage amplifier, drawing modest current. The higher gain and lower input noise makes the EL4452 ideal for use in AGC systems.

Features
• Complete variable-gain amplifier complete with output amplifier
• Compensated for Gain ≥ 10
• 50MHz signal bandwidth
• 50MHz gain-control bandwidth
• Low 29nV/√Hz input noise
• Operates on ±5V to ±15V supplies
• All inputs are differential
• > 70dB attenuation @ 5MHz

Applications
• AGC variable-gain amplifier
• IF amplifier
• Transducer amplifier




Similar Part No. - EL4452

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
EL4452CN ELANTEC-EL4452CN Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
EL4452CS ELANTEC-EL4452CS Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
More results


Similar Description - EL4452

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
Variable-Gain Ultra-Wideband Voltage Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com