Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5219 Datasheet (PDF) - NXP Semiconductors

SA5219 Datasheet PDF - NXP Semiconductors
Part # SA5219
Download  SA5219 Download
File Size   236.43 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wideband variable gain amplifier

SA5219 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5219 Datasheet PDF - NXP Semiconductors

Part # SA5219
Download  SA5219 Click to download

File Size   236.43 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wideband variable gain amplifier

SA5219 Datasheet (HTML) - NXP Semiconductors


SA5219 Product details

DESCRIPTION
The SA5219 represents a breakthrough in monolithic amplifier design featuring several innovations. This unique design has combined the advantages of a high speed bipolar process with the proven Gilbert architecture.

FEATURES
• 700MHz bandwidth
• High impedance differential input
• 50Ω differential output
• Single 5V power supply
• 0 - 1V gain control pin
• >60dB gain control range at 200MHz
• 26dB maximum gain differential
• Exceptional VCONTROL / VGAIN linearity
• 7dB noise figure minimum
• Full ESD protection
• Easily cascadable

APPLICATIONS
• Linear AGC systems
• Very linear AM modulator
• RF balun
• Cable TV multi-purpose amplifier
• Fiber optic AGC
• RADAR
• User programmable fixed gain block
• Video
• Satellite receivers
• Cellular communications




Similar Part No. - SA5219

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
More results


Similar Description - SA5219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
Variable-Gain Ultra-Wideband Voltage Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
NXP Semiconductors
AN11228 NXP-AN11228 Datasheet
818Kb / 21P
BGA301x Wideband Variable Gain Amplifier Application
Rev. 2-3 February 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com