Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3H100UFN Datasheet (PDF) - STMicroelectronics

STPS3H100UFN Datasheet PDF - STMicroelectronics
Part # STPS3H100UFN
Download  STPS3H100UFN Download
File Size   204.47 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 3 A Schottky rectifier

STPS3H100UFN Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS3H100UFN Datasheet PDF - STMicroelectronics

Part # STPS3H100UFN
Download  STPS3H100UFN Click to download

File Size   204.47 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 3 A Schottky rectifier

STPS3H100UFN Datasheet (HTML) - STMicroelectronics


STPS3H100UFN Product details

Description
This high voltage Schottky barrier rectifier device is packaged in SMB Flat Notch and designed for high frequency miniature switched mode power supplies and for board DC to DC converters. Product status link STPS3H100UFN Product summary IF(AV) 3 A VRRM 100 V Tj (max.) 175 °C VF (typ.) 0.57 V 100 V, 3 A Schottky rectifier STPS3H100UFN Datasheet DS13089 - Rev 1 - January 2020 For further information contact your local STMicroelectronics sales office.

Features
■ Negligible switching losses
■ High junction temperature capability
■ Low leakage current
■ Good trade-off between leakage current and forward voltage drop
■ Avalanche capability specified
■ ECOPACK2 compliant

Applications
■ Switching diode
■ Notebook adapter
■ LED lighting
■ DC/DC converter




Similar Part No. - STPS3H100UFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
More results


Similar Description - STPS3H100UFN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100 Datasheet
93Kb / 2P
120 A / 100 V Schottky Rectifier
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
logo
NXP Semiconductors
PMEG10030ELP PHILIPS-PMEG10030ELP_15 Datasheet
220Kb / 15P
100 V, 3 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG10030ELP NEXPERIA-PMEG10030ELP Datasheet
265Kb / 14P
100 V, 3 A low leakage current Schottky barrier rectifier
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
logo
Nexperia B.V. All right...
PMEG10030ELP-Q NEXPERIA-PMEG10030ELP-Q Datasheet
265Kb / 13P
100 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
logo
STMicroelectronics
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com