Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1635H-8I Datasheet (PDF) - STMicroelectronics

T1635H-8I Datasheet PDF - STMicroelectronics
Part # T1635H-8I
Download  T1635H-8I Download
File Size   295.17 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A - 800 V - 150 °C H-series Triac in TO-220AB insulated

T1635H-8I Datasheet (PDF)

Go To PDF Page Download Datasheet
T1635H-8I Datasheet PDF - STMicroelectronics

Part # T1635H-8I
Download  T1635H-8I Click to download

File Size   295.17 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 A - 800 V - 150 °C H-series Triac in TO-220AB insulated

T1635H-8I Datasheet (HTML) - STMicroelectronics


T1635H-8I Product details

Description
Specifically designed to operate at 800 V and 150 °C, the T1635H-8I housed in TO-220AB insulated provides an enhanced thermal management: this 16 A Triac is the right choice for a compact drive of heavy AC loads and enables the heatsink size reduction. Based on the ST Snubberless high temperature technology, it offers higher specified turn off commutation and noise immunity levels up to the Tj max. The T1635H-8I safely optimizes the control of the hardest universal motors, heaters and inductive loads for industrial control and home appliances. By using an internal ceramic pad, it provides a recognized voltage insulation, rated at 2500 VRMS. Product status link T1635H-8I Product summary IT(RMS) 16 A VDRM/VRRM 800 V VDSM/VRSM 900 V IGT 35 mA Tj max. 150 °C 16 A - 800 V - 150 °C H-series Triac in TO-220AB insulated T1635H-8I Datasheet DS13133 - Rev 1 - January 2020 For further information contact your local STMicroelectronics sales office.

Features
■ 16 A medium current Triac
■ 800 V symmetrical blocking voltage
■ 150 °C maximum junction temperature Tj
■ Three triggering quadrants
■ High noise immunity - static dV/dt
■ Robust dynamic turn-off commutation - (dl/dt)c
■ ECOPACK2 compliant component
■ Molding resin UL94-V0 flammability certified
■ Comply with UL1557 insulation: 2.5 kV – Reference file: E81734

Applications
■ Home automation Smart AC plug
■ Water heater, room heater and coffee machine
■ AC Induction and Universal Motor control
■ Inrush current limiter in AC DC rectifiers
■ Lighting and automation I/O control
■ General purpose AC line load control




Similar Part No. - T1635H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-8G STMICROELECTRONICS-T1635H-8G Datasheet
299Kb / 12P
16 A - 800 V - 150 °C H-series Triac in D2PAK
27-Jan-2020
T1635H-8G-TR STMICROELECTRONICS-T1635H-8G-TR Datasheet
299Kb / 12P
16 A - 800 V - 150 °C H-series Triac in D2PAK
27-Jan-2020
T1635H-8T STMICROELECTRONICS-T1635H-8T Datasheet
302Kb / 11P
16 A - 800 V - 150 °C H-series Triac in TO-220AB
24-Jan-2020
More results


Similar Description - T1635H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-8T STMICROELECTRONICS-T1635H-8T Datasheet
302Kb / 11P
16 A - 800 V - 150 °C H-series Triac in TO-220AB
24-Jan-2020
T835H-8I STMICROELECTRONICS-T835H-8I Datasheet
263Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T835H-8T STMICROELECTRONICS-T835H-8T Datasheet
278Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB
11-Dec-2020
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
T2535T-8I STMICROELECTRONICS-T2535T-8I Datasheet
242Kb / 11P
25 A - 800 V - T-series Triac in TO-220AB insulated
23-Sep-2020
T2035H-8I STMICROELECTRONICS-T2035H-8I Datasheet
270Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com