Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2035H-8I Datasheet (PDF) - STMicroelectronics

T2035H-8I Datasheet PDF - STMicroelectronics
Part # T2035H-8I
Download  T2035H-8I Download
File Size   270.47 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated

T2035H-8I Datasheet (PDF)

Go To PDF Page Download Datasheet
T2035H-8I Datasheet PDF - STMicroelectronics

Part # T2035H-8I
Download  T2035H-8I Click to download

File Size   270.47 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated

T2035H-8I Datasheet (HTML) - STMicroelectronics


T2035H-8I Product details

Features
• 20 A high current Triac
• 800 V symmetrical blocking voltage
• 150 °C maximum junction temperature Tj
• Three triggering quadrants
• High noise immunity - static dV/dt
• Robust dynamic turn-off commutation - (dl/dt)c
• ECOPACK2 compliant component
• Molding resin UL94-V0 flammability certified
• Comply with UL1557 insulation: 2.5 kV
– Reference file: E81734

Applications
• General purpose AC line load control
• AC induction and universal motor control
• Lighting and automation I/O control
• Water heater, room heater and coffee machine
• Home automation smart AC plug
• Inrush current limiter in AC DC rectifiers

Description
Specifically designed to operate at 800 V and 150 °C, the T2035H-8I Triac housed
in TO-220AB insulated provides an enhanced thermal management: this 20 A Triac
is the right choice for a compact drive of AC loads and enables the heatsink size
reduction.
Based on the ST high temperature Snubberless technology, it offers higher specified
turn off commutation and noise immunity levels up to the Tj max.
Snubberless is a trademark of STMicroelectronics.
The T2035H-8I safely optimizes the control of the motors and heaters loads for the
most constraining environments of home appliances and industrial control.
By using an internal ceramic pad, it provides a recognized voltage insulation, rated at
2500 VRMS.




Similar Part No. - T2035H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8G-TR STMICROELECTRONICS-T2035H-8G-TR Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
More results


Similar Description - T2035H-8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-8I STMICROELECTRONICS-T1635H-8I Datasheet
295Kb / 11P
16 A - 800 V - 150 °C H-series Triac in TO-220AB insulated
27-Jan-2020
T835H-8I STMICROELECTRONICS-T835H-8I Datasheet
263Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T835H-8T STMICROELECTRONICS-T835H-8T Datasheet
278Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB
11-Dec-2020
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com