Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5035H-8PI Datasheet (PDF) - STMicroelectronics

T5035H-8PI Datasheet PDF - STMicroelectronics
Part # T5035H-8PI
Download  T5035H-8PI Download
File Size   226.37 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.

T5035H-8PI Datasheet (PDF)

Go To PDF Page Download Datasheet
T5035H-8PI Datasheet PDF - STMicroelectronics

Part # T5035H-8PI
Download  T5035H-8PI Click to download

File Size   226.37 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.

T5035H-8PI Datasheet (HTML) - STMicroelectronics


T5035H-8PI Product details

Features
• 50 A RMS Snubberless Triac
• 800 V symmetrical blocking voltage
• 150 °C maximum junction temperature Tj
• Three triggering quadrants
• High noise immunity - static dV/dt
• Robust dynamic turn-off commutation - (dl/dt)c
• ECOPACK2 compliant component
• Molding resin UL94-V0 Flammability certified
• Comply with UL1557 insulation: 2.5 kV
– Reference file: E81734
Applications
• Home automation Smart AC plug
• Water heater, room heater and coffee machine
• AC Induction and Universal Motor control
• Inrush current limiter in AC DC rectifiers
• Lighting and automation I/O control
• General purpose AC line load control
Description
This 50 A Triac housed in TOP3 insulated is designed to operate at 800 V and
150 °C. The T5035H-8PI Triac provides an enhanced thermal management: this is
the right choice for a compact drive of heavy AC loads and enables the heatsink size
reduction.
Based on the latest ST high temperature Snubberless technology, it offers our
highest specified turn off commutation and noise immunity levels at the Tj max.
The T5035H-8PI safely optimizes the control of the motors, heaters and inductive
loads for the most constraining environments of industrial and home appliances.
By using an internal ceramic pad, it provides a recognized voltage insulation, rated at
2500 VRMS.




Similar Part No. - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T5035H-8PI ISC-T5035H-8PI Datasheet
266Kb / 2P
Triacs
More results


Similar Description - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8T STMICROELECTRONICS-T835H-8T Datasheet
278Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB
11-Dec-2020
T1235H-8G STMICROELECTRONICS-T1235H-8G Datasheet
268Kb / 12P
12 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8I STMICROELECTRONICS-T2035H-8I Datasheet
270Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com