Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1235H-8G Datasheet (PDF) - STMicroelectronics

T1235H-8G Datasheet PDF - STMicroelectronics
Part # T1235H-8G
Download  T1235H-8G Download
File Size   268.43 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A - 800 V - 150 °C 8H Triac in D2PAK

T1235H-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
T1235H-8G Datasheet PDF - STMicroelectronics

Part # T1235H-8G
Download  T1235H-8G Click to download

File Size   268.43 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A - 800 V - 150 °C 8H Triac in D2PAK

T1235H-8G Datasheet (HTML) - STMicroelectronics


T1235H-8G Product details

Description
Specifically designed to operate at 800 V and 150 °C, the T1235H-8G Triac housed in D2PAK provides an enhanced thermal management: this 12 A Triac is the right choice for a compact drive of AC loads and enables the heatsink size reduction. D2PAK package is ideal for compact SMD designs on surface mount boards or insulated metal substrate boards. Based on the ST high temperature Snubberless technology, it offers higher specified turn off commutation and noise immunity levels up to the Tj max. The T1235H-8G safely optimizes the control of the hardest universal motors, heaters and inductive loads for industrial control and home appliances. Snubberless is a trademark of STMicroelectronics. Product status link T1235H-8G Product summary IT(RMS) 12 A VDRM/VRRM 800 V VDSM/VRSM 900 V IGT 35 mA Tj max. 150 °C 12 A - 800 V - 150 °C 8H Triac in D2PAK T1235H-8G Datasheet DS13429 - Rev 2 - December 2020 For further information contact your local STMicroelectronics sales office.

Features
■ 12 A medium current Triac
■ 800 V symmetrical blocking voltage
■ 150 °C maximum junction temperature Tj
■ Three triggering quadrants
■ High noise immunity - static dV/dt
■ Robust dynamic turn-off commutation - (dl/dt)c
■ ECOPACK2 compliant component
■ Molding resin UL94-V0 flammability certified

Applications
■ General purpose AC line load control
■ AC induction and universal motor control
■ Lighting and automation I/O control
■ Water heater, room heater and coffee machine
■ Home automation smart AC plug
■ Inrush current limiter in AC DC rectifiers




Similar Part No. - T1235H-8G

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
T1235H-8A JIEJIE-T1235H-8A Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1235H-8B JIEJIE-T1235H-8B Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1235H-8E JIEJIE-T1235H-8E Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1235H-8F JIEJIE-T1235H-8F Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
logo
STMicroelectronics
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
More results


Similar Description - T1235H-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8T STMICROELECTRONICS-T835H-8T Datasheet
278Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB
11-Dec-2020
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8I STMICROELECTRONICS-T2035H-8I Datasheet
270Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com