Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD55G0 Datasheet (PDF) - STMicroelectronics

VD55G0 Datasheet PDF - STMicroelectronics
Part # VD55G0
Download  VD55G0 Download
File Size   2587.54 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features

VD55G0 Datasheet (PDF)

Go To PDF Page Download Datasheet
VD55G0 Datasheet PDF - STMicroelectronics

Part # VD55G0
Download  VD55G0 Click to download

File Size   2587.54 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced 640 x 600 pixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features

VD55G0 Datasheet (HTML) - STMicroelectronics


VD55G0 Product details

Description
VD55G0 Bare die

Features
■ Global shutter technology, ST proprietary single layer
■ 3D stacked sensor 40 nm/65 nm
■ 2.61 µm x 2.61 µm BSI pixel with full DTI (deep trench isolation)
■ High-performance with excellent – QE (quantum efficiency) – MTF (modulation transfer function) up to near IR – Perfect PLS (shutter efficiency)
■ Smallest sensor on market with: – Compact die size: 2.6 mm x 2.5 mm – 640 pixel x 600 pixel resolution – Very small pixel array, 1.67 mm x 1.57 mm – Optical format between 1/9 inch
■ Operating junction temperature: -30 °C to 85 °C
■ Single lane transmitter MIPI CSI-2 (copyright© 2005-2010 MIPI Alliance, Inc. Standard for Camera Serial Interface 2 (CSI-2) version 1.0) version 1.3, 1.2 Gbps per lane
■ Fast mode+ I2C control interface
■ Integrated temperature sensor
■ Up to 210 fps (frames per second) at full resolution and 260 fps with VGA resolution
■ Programmable sequences of 4-frame contexts, including frame parameters
■ Automatic dark calibration
■ Dynamic and map-based defective correction
■ Embedded auto-exposure with 8 x 8 = 64 zone statistics
■ 4 multiple function IO, dynamically programmable with frame contexts (GPIO, strobe pulse, pulse-width modulation, V sync)
■ Up to 4 illumination control outputs synchronized with sensor integration periods and master/slave external frame start
■ Mirror/flip readout
■ Fully sequenceable with frame contexts
■ Crop
■ Binning (x2 and x4)
■ Sub sampling (x2 and x4)




Similar Part No. - VD55G0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD55G0 STMICROELECTRONICS-VD55G0 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - VD55G0

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
STMicroelectronics
VD56G3 STMICROELECTRONICS-VD56G3 Datasheet
2Mb / 3P
Advanced 1.5 Mpixel, backside illuminated Global Shutter, ultra compact sensor, with high QE, high MTF, excellent PLS, and full-features
10-Feb-2020
VB1940 STMICROELECTRONICS-VB1940 Datasheet
235Kb / 5P
Automotive grade 5.1 megapixel backside illuminated global and rolling shutter sensor for near infrared and visible scenes
21-Jul-2022
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com