Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13 Datasheet (PDF) - List of Unclassifed Manufacturers

C13 Datasheet PDF - List of Unclassifed Manufacturers
Part # C13
Download  C13 Download
File Size   191.86 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters

C13 Datasheet (PDF)

Go To PDF Page Download Datasheet
C13 Datasheet PDF - List of Unclassifed Manufacturers

Part # C13
Download  C13 Click to download

File Size   191.86 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters

C13 Datasheet (HTML) - List of Unclassifed Manufacturers


C13 Product details

[ACCULEX]

Features
• Low-cost, high-performance replacement for many OEM DPMs
• Optional Red or Green backlighting
• Bezel mount using retaining clips
• Low power: 2.5mA (+5V)
• Space-saving design: only 1" (25 mm) deep
• Occupies less than 2.5 X 1.1 inches of front panel space
• 31/2 digits with high-contrast LCD Display




Similar Part No. - C13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C13 TI1-C13 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
New Jersey Semi-Conduct...
C13 NJSEMI-C13 Datasheet
71Kb / 1P
SCR
logo
ABB
C13 110-101 ABB-C13 110-101 Datasheet
115Kb / 4P
C13 110-101, Energy meter Steel, None, Threephase, 5 A
2024/06/23
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
DIRECTIONAL COUPLER
C13-0140 MARKIMICROWAVE-C13-0140 Datasheet
280Kb / 3P
DIRECTIONAL COUPLER
More results


Similar Description - C13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
3-1/2 Digit Low Cost Digital Panel Meter
DM-3102AB MURATA-DM-3102AB Datasheet
3Mb / 11P
Autoranging 3-1/2 Digit Digital Panel Meters
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com