Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C13
Description  Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C13 Datasheet HTML 1Page - List of Unclassifed Manufacturers C13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACCULEX •
1-888-472-6676
•
F ax 1-888-210-0119
•
accule x.com
DP-650A Series
Dimensions
Connections
Pin No.
Pin Name
Description
1
V+
+5V power supply
2
V-
Internal negative supply output
3
NC
No pin
4
TST
Power supply ground
5
COM
Analog Common
6
INLO
Negative input signal
7
INHI
Positive input signal
8
RFL
Negative reference input
9
RFH
Positive reference input
10
ROH
Internal reference output
11
D3
1.XXX decimal point
12
D2
1X.XX decimal point
13
D1
1XX.X decimal point
NOTES:
1.
Mounting studs (2) are #2-56, length 0.5 (13) min.
2.
Backlight power is on 0.50 (12.4) wide x 0.22 (5.4) high tab.
inches (mm)
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com