Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2020 Datasheet (PDF) - Intersil Corporation

EL2020 Datasheet PDF - Intersil Corporation
Part # EL2020
Download  EL2020 Download
File Size   257.7 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz Current Feedback Amplifier

EL2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2020 Datasheet PDF - Intersil Corporation

Part # EL2020
Download  EL2020 Click to download

File Size   257.7 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50MHz Current Feedback Amplifier

EL2020 Datasheet (HTML) - Intersil Corporation


EL2020 Product details

General Description

The EL2020 is a fast settling, wide bandwidth amplifier optimized for gains between b10 and a10. Built using the Elantec monolithic Complementary Bipolar process, this amplifier uses current mode feedback to achieve more bandwidth at a given

gain then a conventional voltage feedback operational amplifier.



Features

Slew rate 500 V/ms

g33 mA output current

Drives g2.4V into 75X

Differential phase k0.1§

Differential gain k0.1%

V supply g5V to g18V

Output short circuit protected

Uses current mode feedback

1% settling time of 50 ns for 10V step

Low cost

9 mA supply current

8-pin mini-dip



Applications

Video gain block

Residue amplifier

Radar systems

Current to voltage converter

Coax cable driver with gain of 2




Similar Part No. - EL2020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
Improved Second Source to the EL2020
REV.A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020CN ELANTEC-EL2020CN Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
More results


Similar Description - EL2020

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Linear Technology
LT1497 LINER-LT1497 Datasheet
302Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
Dual 125mA, 50MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com